Part Number Hot Search : 
TFR315C MC33063 ATA68 018010 TLP747G MAX6641 GBU8A07 P6KE18
Product Description
Full Text Search
 

To Download PA1220 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PA1220
800-1000 MHz. PRELIMINARY
Low Noise High Dynamic Range Linear Amplifier
Features (typical values) Low Cost Ceramic Surface Mount Package NF ............................................................. 0.9 dB. Pout ....................................................... +26 dBm IP3 ........................................................... +40dBm
Parame te r Frequency Gain Gain Flatness Reverse Isolation Pout @ 1dB. comp. Noise Figure VSWR (Input/Output) IP3 Supply Required Typical Value 18 . 0 +/- 0.5 - 23. 0 26 0.9 1.3/1.5:1 40 +12V/160 M in. Value 800 16.0 24 37 M ax. Value 1000 +/- 0.6 1.4 1.5/1.8:1 +12V/180
Typical Performance
--u-- 25C --n-- -40C ---- +70C
G a in (d B ) v s . F r e q u e n c y
Units MHz dB dB dB dBm dB Ratio dBm v./mA.
20 19 18 17 16 800 900 1000
N F (d B ) v s . F re q u e n c y
1 .2 5 0 .7 5 0 .2 5 800 900 1000
P o u t (d B m ) v s . F re q u e n c y
2 6 .5 26 2 5 .5 25 800 900 1000
IP3 measured with 2 tones @+10 dB @ 1 Mhz apart Min and max values from -40 to +85 degrees C
V S W R v s . F re q u e n c y
Outline Drawings
1 .5 1 .2 5 1 800 900 1000
IP 3 (d B m ) v s . F r e q u e n c y
SEE ATTACHED DRAWING
60 40 20 0 800 900 F re q u e n c y in M H z . 1000
Maximum Ratings
Storage Temperature ....... -65C to +150C DC Voltage .................................. +15 volts RF Input Power .......................... +23 dBm. Heat Spreader Temperature .......... +100C
Rev: 08012001
Specifications subject to change without notice
100 Emlen Way Telford, Pa. 18969 Tel. (215) 723-6011 Fax. (215) 723-6015
PA1220 Page 2


▲Up To Search▲   

 
Price & Availability of PA1220

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X